| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8XC552 bảng dữ liệu(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
8XC552 bảng dữ liệu(HTML) 39 Page - NXP Semiconductors |
|
39 / 60 page ![]() Philips Semiconductors 80C51 Family Derivatives 8XC552/562 overview 1996 Aug 06 39 !– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – ! STATE : A0, A STOP condition or repeated START has been received, ! while still addressed as SLV/REC or SLV/TRX. ! ACTION : No save of DATA, Enter NOT addressed SLV mode. ! Recognition of own SLA. General call recognized, if S1ADR. 0–1. !– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – .sect srsA0 .base 0x1a0 01A0 75D8C5 mov S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0 ! clr SI, set AA 01A3 D0D0 pop psw 01A5 32 reti !******************************************************************************************************** !******************************************************************************************************** ! SLAVE TRANSMITTER STATE SERVICE ROUTINES !******************************************************************************************************** !******************************************************************************************************** !– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – ! STATE : A8, Own SLA+R received, ACK returned. ! ACTION : DATA will be transmitted, A bit received. !– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – .sect stsa8 .base 0x1a8 01A8 8548DA mov S1DAT,STD ! load DATA in S1DAT 01AB 75D8C5 mov S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0 ! clr SI, set AA 01AE 01E8 ajmp INITBASE2 .sect ibase2 .base 0xe8 00E8 75D018 INITBASE2: mov psw,#SELRB3 00EB 7948 mov r1, #STD 00ED 09 inc r1 00EE D0D0 pop psw 00F0 32 reti !– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – ! STATE : B0, Arbitration lost in SLA and R/W as MST. Own SLA+R received, ACK returned. ! ACTION : DATA will be transmitted, A bit received. ! STA is set to restart MST mode after the bus is free again. !– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – .sect stsb0 .base 0x1b0 01B0 8548DA mov S1DAT,STD ! load DATA in S1DAT 01B3 75D8E5 mov S1CON,#ENS1_STA_NOTSTO_NOTSI_AA_CR0 01B6 01E8 ajmp INITBASE2 |