công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADFL bảng dữ liệu(PDF) 76 Page - Renesas Technology Corp

tên linh kiện R5F51116ADFL
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFL bảng dữ liệu(HTML) 76 Page - Renesas Technology Corp

Back Button R5F51116ADFL Datasheet HTML 72Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 73Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 74Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 75Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 76Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 77Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 78Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 79Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 76 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note 1. Time until the clock can be used after the main clock oscillator stop bit (MOSCCR.MOSTP) is set to 0 (operating) when the
external clock is stable.
Note 2. Reference values when an 8-MHz oscillator is used.
When specifying the main clock oscillator stabilization time, set the MOSCWTCR register with a stabilization time value that is
equal to or greater than the oscillator-manufacturer-recommended value.
After changing the setting of the MOSCCR.MOSTP bit so that the main clock oscillator operates, read the OSCOVFSR.MOOVF
flag to confirm that is has become 1, and then start using the main clock.
Note 3. The VCC range that the PLL can be used is 2.4 to 3.6 V.
Note 4. After changing the setting of the SOSCCR.SOSTP bit or RCR3.RTCEN bit so that the sub-clock oscillator operates, only start
using the sub-clock after the sub-clock oscillation stabilization wait time that is equal to or greater than the
oscillator-manufacturer-recommended value has elapsed.
Reference value when a 32.768-kHz resonator is used.
Note 5. Only 32.768 kHz can be used.
Table 5.24
Clock Timing
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
XTAL external clock input cycle time
tXcyc
50
—
—
ns
Figure 5.23
XTAL external clock input high pulse width
tXH
20
—
—
ns
XTAL external clock input low pulse width
tXL
20
—
—
ns
XTAL external clock rising time
tXr
——
5
ns
XTAL external clock falling time
tXf
——
5
ns
XTAL external clock input wait time*1
tEXWT
0.5
—
—
µs
Main clock oscillator oscillation frequency
2.4 ≤ VCC ≤ 3.6
fMAIN
1—
20
MHz
1.8 ≤ VCC < 2.4
1—
8
Main clock oscillation stabilization time (crystal)*2
tMAINOSC
—3
—
ms
Figure 5.25
Main clock oscillation stabilization time (ceramic resonator)*2
tMAINOSC
—50
µs
LOCO clock oscillation frequency
fLOCO
3.44
4.0
4.56
MHz
LOCO clock oscillation stabilization time
tLOCO
——
0.5
µs
Figure 5.26
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
IWDT-dedicated clock oscillation stabilization time
tILOCO
——
50
μs
Figure 5.24
HOCO clock oscillation frequency
fHOCO
31.52
32
32.48
MHz
Ta = –40 to 85°C
31.68
32
32.32
Ta = –20 to 85°C
31.36
32
32.64
Ta = –40 to 105°C
HOCO clock oscillation stabilization time
tHOCO2
——
56
µs
Figure 5.28
PLL input frequency*3
fPLLIN
4—
8
MHz
PLL circuit oscillation frequency*3
fPLL
32
—
48
MHz
PLL clock oscillation stabilization time
tPLL
——
50
µs
Figure 5.29
PLL free-running oscillation frequency
fPLLFR
—8
—
MHz
Sub-clock oscillator oscillation frequency*5
fSUB
—
32.768
—
kHz
Sub-clock oscillation stabilization time*4
tSUBOSC
—0.5
—
s
Figure 5.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com