công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADFL bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp

tên linh kiện R5F51116ADFL
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFL bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp

Back Button R5F51116ADFL Datasheet HTML 63Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 64Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 65Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 66Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 67Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 68Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 69Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 70Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 67 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note:
Do not exceed the permissible total supply current.
Table 5.18
Permissible Output Currents (2)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
Ta = –40 to +105°C (G version)
Item
Symbol
Max.
Unit
Permissible output low current
(average value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
IOL
0.4
mA
Ports other than above
8.0
Permissible output low current
(maximum value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
0.4
Ports other than above
8.0
Permissible output low current
Total of ports P40 to P44, P46, ports PJ6, PJ7
IOL
1.6
Total of ports P03, P05, ports P26, P27, ports P30, P31
20
Total of ports P14 to P17, port P32, ports P54, P55, ports PB0,
PB1, PB3, PB5 to PB7, ports PC2 to PC7
20
Total of ports PA0, PA1, PA3, PA4, PA6, ports PE0 to PE7
20
Total of all output pins
40
Permissible output high current
(average value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
IOH
–0.1
Ports other than above
–4.0
Permissible output high current
(maximum value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
–0.1
Ports other than above
–4.0
Permissible output high current
Total of ports P40 to P44, P46, ports PJ6, PJ7
IOH
–0.6
Total of ports P03, P05, ports P26, P27, ports P30, P31
–10
Total of ports P14 to P17, port P32, ports P54, P55, ports PB0,
PB1, PB3, PB5 to PB7, ports PC2 to PC7
–15
Total of ports PA0, PA1, PA3, PA4, PA6, ports PE0 to PE7
–15
Total of all output pins
–40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com