công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F101CC bảng dữ liệu(PDF) 71 Page - Renesas Technology Corp

tên linh kiện R5F101CC
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CC bảng dữ liệu(HTML) 71 Page - Renesas Technology Corp

Back Button R5F101CC Datasheet HTML 67Page - Renesas Technology Corp R5F101CC Datasheet HTML 68Page - Renesas Technology Corp R5F101CC Datasheet HTML 69Page - Renesas Technology Corp R5F101CC Datasheet HTML 70Page - Renesas Technology Corp R5F101CC Datasheet HTML 71Page - Renesas Technology Corp R5F101CC Datasheet HTML 72Page - Renesas Technology Corp R5F101CC Datasheet HTML 73Page - Renesas Technology Corp R5F101CC Datasheet HTML 74Page - Renesas Technology Corp R5F101CC Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 71 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(3) 128-pin products, and flash ROM: 384 to 512 KB of 44- to 100-pin products
(TA =
40 to +85C, 1.6 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (1/2)
Parameter Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD = 5.0 V
2.6
mA
Basic
operation
VDD = 3.0 V
2.6
mA
VDD = 5.0 V
6.1
9.5
mA
fIH = 32 MHz
Note 3
Normal
operation
VDD = 3.0 V
6.1
9.5
mA
VDD = 5.0 V
4.8
7.4
mA
fIH = 24 MHz
Note 3
Normal
operation
VDD = 3.0 V
4.8
7.4
mA
VDD = 5.0 V
3.5
5.3
mA
HS (high-
speed main)
mode
Note 5
fIH = 16 MHz
Note 3
Normal
operation
VDD = 3.0 V
3.5
5.3
mA
VDD = 3.0 V
1.5
2.3
mA
LS (low-
speed main)
mode
Note 5
fIH = 8 MHz
Note 3
Normal
operation
VDD = 2.0 V
1.5
2.3
mA
VDD = 3.0 V
1.5
2.0
mA
LV (low-
voltage
main) mode
Note 5
fIH = 4 MHz
Note 3
Normal
operation
VDD = 2.0 V
1.5
2.0
mA
Square wave input
3.9
6.1
mA
fMX = 20 MHz
Note 2,
VDD = 5.0 V
Normal
operation
Resonator
connection
4.1
6.3
mA
Square wave input
3.9
6.1
mA
fMX = 20 MHz
Note 2,
VDD = 3.0 V
Normal
operation
Resonator
connection
4.1
6.3
mA
Square wave input
2.5
3.7
mA
fMX = 10 MHz
Note 2,
VDD = 5.0 V
Normal
operation
Resonator
connection
2.5
3.7
mA
Square wave input
2.5
3.7
mA
HS (high-
speed main)
mode
Note 5
fMX = 10 MHz
Note 2,
VDD = 3.0 V
Normal
operation
Resonator
connection
2.5
3.7
mA
Square wave input
1.4
2.2
mA
fMX = 8 MHz
Note 2,
VDD = 3.0 V
Normal
operation
Resonator
connection
1.4
2.2
mA
Square wave input
1.4
2.2
mA
LS (low-
speed main)
mode
Note 5
fMX = 8 MHz
Note 2,
VDD = 2.0 V
Normal
operation
Resonator
connection
1.4
2.2
mA
Square wave input
5.4
6.5
A
fSUB = 32.768 kHz
Note 4
TA =
40C
Normal
operation
Resonator
connection
5.5
6.6
A
Square wave input
5.5
6.5
A
fSUB = 32.768 kHz
Note 4
TA = +25
C
Normal
operation
Resonator
connection
5.6
6.6
A
Square wave input
5.6
9.4
A
fSUB = 32.768 kHz
Note 4
TA = +50
C
Normal
operation
Resonator
connection
5.7
9.5
A
Square wave input
5.9
12.0
A
fSUB = 32.768 kHz
Note 4
TA = +70
C
Normal
operation
Resonator
connection
6.0
12.1
A
Square wave input
6.6
16.3
A
Supply
current
Note 1
IDD1
Operating
mode
Subsystem
clock
operation
fSUB = 32.768 kHz
Note 4
TA = +85
C
Normal
operation
Resonator
connection
6.7
16.4
A
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com