công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F101CC bảng dữ liệu(PDF) 57 Page - Renesas Technology Corp

tên linh kiện R5F101CC
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CC bảng dữ liệu(HTML) 57 Page - Renesas Technology Corp

Back Button R5F101CC Datasheet HTML 53Page - Renesas Technology Corp R5F101CC Datasheet HTML 54Page - Renesas Technology Corp R5F101CC Datasheet HTML 55Page - Renesas Technology Corp R5F101CC Datasheet HTML 56Page - Renesas Technology Corp R5F101CC Datasheet HTML 57Page - Renesas Technology Corp R5F101CC Datasheet HTML 58Page - Renesas Technology Corp R5F101CC Datasheet HTML 59Page - Renesas Technology Corp R5F101CC Datasheet HTML 60Page - Renesas Technology Corp R5F101CC Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 57 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
2.2 Oscillator Characteristics
2.2.1 X1, XT1 oscillator characteristics
(TA =
40 to +85C, 1.6 V  VDD  5.5 V, VSS = 0 V)
Parameter
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
2.7 V
 VDD  5.5 V
1.0
20.0
MHz
2.4 V
 VDD  2.7 V
1.0
16.0
MHz
1.8 V
 VDD  2.4 V
1.0
8.0
MHz
X1 clock oscillation
frequency (fX)
Note
Ceramic resonator/
crystal resonator
1.6 V
 VDD  1.8 V
1.0
4.0
MHz
XT1 clock oscillation
frequency (fX)
Note
Crystal resonator
32
32.768
35
kHz
Note Indicates only permissible oscillator frequency ranges. Refer to AC Characteristics for instruction execution
time. Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the
oscillator characteristics.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check
the X1 clock oscillation stabilization time using the oscillation stabilization time counter status
register (OSTC) by the user. Determine the oscillation stabilization time of the OSTC register and
the oscillation stabilization time select register (OSTS) after sufficiently evaluating the oscillation
stabilization time with the resonator to be used.
Remark
When using the X1 oscillator and XT1 oscillator, refer to 5.4 System Clock Oscillator.
2.2.2 On-chip oscillator characteristics
(TA =
40 to +85C, 1.6 V  VDD  5.5 V, VSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator
clock frequency
Notes 1, 2
fIH
1
32
MHz
1.8 V
 VDD  5.5 V
1.0
+1.0
%
20 to +85 C
1.6 V
 VDD < 1.8 V
5.0
+5.0
%
1.8 V
 VDD  5.5 V
1.5
+1.5
%
High-speed on-chip oscillator
clock frequency accuracy
40 to 20 C
1.6 V
 VDD < 1.8 V
5.5
+5.5
%
Low-speed on-chip oscillator
clock frequency
fIL
15
kHz
Low-speed on-chip oscillator
clock frequency accuracy
15
+15
%
Notes 1. High-speed on-chip oscillator frequency is selected by bits 0 to 3 of option byte (000C2H/010C2H) and
bits 0 to 2 of HOCODIV register.
2. This indicates the oscillator characteristics only. Refer to AC Characteristics for instruction execution
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com