công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F104PDA bảng dữ liệu(PDF) 117 Page - Renesas Technology Corp

tên linh kiện R5F104PDA
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PDA bảng dữ liệu(HTML) 117 Page - Renesas Technology Corp

Back Button R5F104PDA Datasheet HTML 113Page - Renesas Technology Corp R5F104PDA Datasheet HTML 114Page - Renesas Technology Corp R5F104PDA Datasheet HTML 115Page - Renesas Technology Corp R5F104PDA Datasheet HTML 116Page - Renesas Technology Corp R5F104PDA Datasheet HTML 117Page - Renesas Technology Corp R5F104PDA Datasheet HTML 118Page - Renesas Technology Corp R5F104PDA Datasheet HTML 119Page - Renesas Technology Corp R5F104PDA Datasheet HTML 120Page - Renesas Technology Corp R5F104PDA Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 117 of 208
Aug 12, 2016
Note 1.
Excludes quantization error (±1/2 LSB).
Note 2.
This value is indicated as a ratio (% FSR) to the full-scale value.
Note 3.
When the conversion time is set to 57
μs (min.) and 95 μs (max.).
Note 4.
Refer to 2.6.2 Temperature sensor characteristics/internal reference voltage characteristic.
(3)
When reference voltage (+) = VDD (ADREFP1 = 0, ADREFP0 = 0), reference voltage (-) = VSS (ADREFM = 0),
target pin: ANI0 to ANI14, ANI16 to ANI20, internal reference voltage, and temperature sensor output volt-
age
(TA = -40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V, Reference voltage (+) = VDD,
Reference voltage (-) = VSS)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
810
bit
Overall error Note 1
AINL
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
1.2
±7.0
LSB
1.6 V
≤ VDD ≤ 5.5 V Note 3
1.2
±10.5
LSB
Conversion time
tCONV
10-bit resolution
Target pin: ANI0 to ANI14, ANI16 to ANI20
3.6 V
≤ VDD ≤ 5.5 V
2.125
39
μs
2.7 V
≤ VDD ≤ 5.5 V
3.1875
39
μs
1.8 V
≤ VDD ≤ 5.5 V
17
39
μs
1.6 V
≤ VDD ≤ 5.5 V
57
95
μs
10-bit resolution
Target pin: internal reference voltage, and
temperature sensor output voltage
(HS (high-speed main) mode)
3.6 V
≤ VDD ≤ 5.5 V
2.375
39
μs
2.7 V
≤ VDD ≤ 5.5 V
3.5625
39
μs
2.4 V
≤ VDD ≤ 5.5 V
17
39
μs
Zero-scale error Notes 1, 2
EZS
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
±0.60
%FSR
1.6 V
≤ VDD ≤ 5.5 V Note 3
±0.85
%FSR
Full-scale error Notes 1, 2
EFS
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
±0.60
%FSR
1.6 V
≤ VDD ≤ 5.5 V Note 3
±0.85
%FSR
Integral linearity error Note 1
ILE
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
±4.0
LSB
1.6 V
≤ VDD ≤ 5.5 V Note 3
±6.5
LSB
Differential linearity error
Note 1
DLE
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
±2.0
LSB
1.6 V
≤ VDD ≤ 5.5 V Note 3
±2.5
LSB
Analog input voltage
VAIN
ANI0 to ANI14
0
VDD
V
ANI16 to ANI20
0
EVDD0
V
Internal reference voltage
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode)
VBGR Note 4
V
Temperature sensor output voltage
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode)
VTMPS25 Note 4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com