công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F104PDA bảng dữ liệu(PDF) 66 Page - Renesas Technology Corp

tên linh kiện R5F104PDA
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PDA bảng dữ liệu(HTML) 66 Page - Renesas Technology Corp

Back Button R5F104PDA Datasheet HTML 62Page - Renesas Technology Corp R5F104PDA Datasheet HTML 63Page - Renesas Technology Corp R5F104PDA Datasheet HTML 64Page - Renesas Technology Corp R5F104PDA Datasheet HTML 65Page - Renesas Technology Corp R5F104PDA Datasheet HTML 66Page - Renesas Technology Corp R5F104PDA Datasheet HTML 67Page - Renesas Technology Corp R5F104PDA Datasheet HTML 68Page - Renesas Technology Corp R5F104PDA Datasheet HTML 69Page - Renesas Technology Corp R5F104PDA Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 66 of 208
Aug 12, 2016
(Notes and Remarks are listed on the next page.)
(2)
Flash ROM: 96 to 256 KB of 30- to 100-pin products
(TA = -40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Note 1
IDD1
Operat-
ing mode
HS (high-speed main)
mode Note 5
fHOCO = 64 MHz,
fIH = 32 MHz Note 3
Basic
operation
VDD = 5.0 V
2.6
mA
VDD = 3.0 V
2.6
fHOCO = 32 MHz,
fIH = 32 MHz Note 3
Basic
operation
VDD = 5.0 V
2.3
VDD = 3.0 V
2.3
HS (high-speed main)
mode Note 5
fHOCO = 64 MHz,
fIH = 32 MHz Note 3
Normal
operation
VDD = 5.0 V
5.4
10.2
mA
VDD = 3.0 V
5.4
10.2
fHOCO = 32 MHz,
fIH = 32 MHz Note 3
Normal
operation
VDD = 5.0 V
5.0
9.6
VDD = 3.0 V
5.0
9.6
fHOCO = 48 MHz,
fIH = 24 MHz Note 3
Normal
operation
VDD = 5.0 V
4.2
7.8
VDD = 3.0 V
4.2
7.8
fHOCO = 24 MHz,
fIH = 24 MHz Note 3
Normal
operation
VDD = 5.0 V
4.0
7.4
VDD = 3.0 V
4.0
7.4
fHOCO = 16 MHz,
fIH = 16 MHz Note 3
Normal
operation
VDD = 5.0 V
3.0
5.3
VDD = 3.0 V
3.0
5.3
LS (low-speed main)
mode Note 5
fHOCO = 8 MHz,
fIH = 8 MHz Note 3
Normal
operation
VDD = 3.0 V
1.4
2.3
mA
VDD = 2.0 V
1.4
2.3
LV (low-voltage main)
mode Note 5
fHOCO = 4 MHz,
fIH = 4 MHz Note 3
Normal
operation
VDD = 3.0 V
1.3
1.9
mA
VDD = 2.0 V
1.3
1.9
HS (high-speed main)
mode Note 5
fMX = 20 MHz Note 2,
VDD = 5.0 V
Normal
operation
Square wave input
3.4
6.2
mA
Resonator connection
3.6
6.4
fMX = 20 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
3.4
6.2
Resonator connection
3.6
6.4
fMX = 10 MHz Note 2,
VDD = 5.0 V
Normal
operation
Square wave input
2.1
3.6
Resonator connection
2.2
3.7
fMX = 10 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.1
3.6
Resonator connection
2.2
3.7
LS (low-speed main)
mode Note 5
fMX = 8 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
1.2
2.2
mA
Resonator connection
1.2
2.3
fMX = 8 MHz Note 2,
VDD = 2.0 V
Normal
operation
Square wave input
1.2
2.2
Resonator connection
1.2
2.3
Subsystem clock
operation
fSUB = 32.768 kHz Note 4
TA = -40°C
Normal
operation
Square wave input
4.9
7.1
μA
Resonator connection
4.9
7.1
fSUB = 32.768 kHz Note 4
TA = +25°C
Normal
operation
Square wave input
4.9
7.1
Resonator connection
4.9
7.1
fSUB = 32.768 kHz Note 4
TA = +50°C
Normal
operation
Square wave input
5.1
8.8
Resonator connection
5.1
8.8
fSUB = 32.768 kHz Note 4
TA = +70°C
Normal
operation
Square wave input
5.5
10.5
Resonator connection
5.5
10.5
fSUB = 32.768 kHz Note 4
TA = +85°C
Normal
operation
Square wave input
6.5
14.5
Resonator connection
6.5
14.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com