công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F104PDA bảng dữ liệu(PDF) 114 Page - Renesas Technology Corp

tên linh kiện R5F104PDA
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104PDA bảng dữ liệu(HTML) 114 Page - Renesas Technology Corp

Back Button R5F104PDA Datasheet HTML 110Page - Renesas Technology Corp R5F104PDA Datasheet HTML 111Page - Renesas Technology Corp R5F104PDA Datasheet HTML 112Page - Renesas Technology Corp R5F104PDA Datasheet HTML 113Page - Renesas Technology Corp R5F104PDA Datasheet HTML 114Page - Renesas Technology Corp R5F104PDA Datasheet HTML 115Page - Renesas Technology Corp R5F104PDA Datasheet HTML 116Page - Renesas Technology Corp R5F104PDA Datasheet HTML 117Page - Renesas Technology Corp R5F104PDA Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 114 of 208
Aug 12, 2016
Note 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
Note 2.
The maximum value (MAX.) of tHD: DAT is during normal transfer and a wait state is inserted in the ACK (acknowledge)
timing.
Caution
The values in the above table are applied even when bit 2 (PIOR02) in the peripheral I/O redirection register 0
(PIOR0) is 1. At this time, the pin characteristics (IOH1, IOL1, VOH1, VOL1) must satisfy the values in the redirect
destination.
Note 3.
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line pull-up resistor) at
that time in each mode are as follows.
Fast mode plus: Cb = 120 pF, Rb = 1.1 k
Ω
IICA serial transfer timing
Remark
n = 0, 1
(3)
I2C fast mode plus
(TA = -40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) mode
LS (low-speed
main) mode
LV (low-voltage
main) mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCLA0 clock frequency
fSCL
Fast mode plus:
fCLK
≥ 10 MHz
2.7 V
≤ EVDD0 ≤ 5.5 V
0
1000
—
—
kHz
Setup time of restart condi-
tion
tSU: STA
2.7 V
≤ EVDD0 ≤ 5.5 V
0.26
—
—
μs
Hold time Note 1
tHD: STA
2.7 V
≤ EVDD0 ≤ 5.5 V
0.26
—
—
μs
Hold time when SCLA0 = “L” tLOW
2.7 V
≤ EVDD0 ≤ 5.5 V
0.5
—
—
μs
Hold time when SCLA0 = “H” tHIGH
2.7 V
≤ EVDD0 ≤ 5.5 V
0.26
—
—
μs
Data setup time (reception)
tSU: DAT
2.7 V
≤ EVDD0 ≤ 5.5 V
50
—
—
ns
Data hold time (transmission)
Note 2
tHD: DAT
2.7 V
≤ EVDD0 ≤ 5.5 V
0
0.45
—
—
μs
Setup time of stop condition
tSU: STO
2.7 V
≤ EVDD0 ≤ 5.5 V
0.26
—
—
μs
Bus-free time
tBUF
2.7 V
≤ EVDD0 ≤ 5.5 V
0.5
—
—
μs
tSU: DAT
tHD: STA
Restart
condition
SCLAn
SDAAn
tLOW
tHIGH
tSU: STA
tHD: STA
tSU: STO
Stop
condition
Stop
condition
Start
condition
tHD: DAT
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com