| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XZM2MOK81FS bảng dữ liệu(PDF) 4 Page - SunLED Corporation |
|
|
|||||||||||||||||||||||||||||
XZM2MOK81FS bảng dữ liệu(HTML) 4 Page - SunLED Corporation |
|
4 / 5 page ![]() Part Number: XZM2MOK81FS 2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP May 06,2015 XDSB8252 V3-X Layout: Maggie L. P. 4/5 The device has a single mounting surface. The device must be mounted according to the specifications. Reel Dimension Recommended Soldering Pattern (Units : mm; Tolerance: ± 0.1) Tape Specification (Units : mm) Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. |