công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XZM2MOK81FS bảng dữ liệu(PDF) 2 Page - SunLED Corporation

tên linh kiện XZM2MOK81FS
Giải thích chi tiết về linh kiện  Ideal for indication light on hand held products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNLED [SunLED Corporation]
Trang chủ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZM2MOK81FS bảng dữ liệu(HTML) 2 Page - SunLED Corporation

  XZM2MOK81FS Datasheet HTML 1Page - SunLED Corporation XZM2MOK81FS Datasheet HTML 2Page - SunLED Corporation XZM2MOK81FS Datasheet HTML 3Page - SunLED Corporation XZM2MOK81FS Datasheet HTML 4Page - SunLED Corporation XZM2MOK81FS Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part Number: XZM2MOK81FS
2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
May 06,2015
XDSB8252 V3-X Layout: Maggie L.
P. 2/5
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic
significantly reduces thermal stress, it is more susceptible to damage by external mechanical force.
As a result, special handling precautions need to be observed during assembly using silicone encapsulated LED
products. Failure to comply might lead to damage and premature failure of the LED.
1.Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry.
2. As silicone encapsulation is permeable to gases, some corrosive substances such as H2S might corrode silver plating of
leadframe. Special care should be taken if an LED with silicone encapsulation is to be used near such substances.



Html Pages

1 2 3 4 5