| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT69F240 bảng dữ liệu(PDF) 53 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F240 bảng dữ liệu(HTML) 53 Page - Holtek Semiconductor Inc |
|
53 / 172 page ![]() Rev. 1.20 �2 �a��� 2�� 201� Rev. 1.20 �3 �a��� 2�� 201� HT69F240 I/O 8-Bit Flash MCU with LED/LCD Driver HT69F240 I/O 8-Bit Flash MCU with LED/LCD Driver Register Power-on Reset LVR Reset WDT Time-out (Normal Operation) WDT Time-out (HALT) LVRC 0101 0101 uuuu uuuu 0101 0101 uuuu uuuu �FI0 0000 0000 0000 0000 0000 0000 uuuu uuuu �FI1 -000 -000 -000 -000 -000 -000 -uuu -uuu �FI2 --00 --00 --00 --00 --00 --00 --uu --uu INTC2 --00 --00 --00 --00 --00 --00 --uu --uu PAWU 0000 0000 0000 0000 0000 0000 uuuu uuuu PAPU 0000 0000 0000 0000 0000 0000 uuuu uuuu PA 1111 1111 1111 1111 1111 1111 uuuu uuuu PAC 1111 1111 1111 1111 1111 1111 uuuu uuuu PBPU 0000 0000 0000 0000 0000 0000 uuuu uuuu PB 1111 1111 1111 1111 1111 1111 uuuu uuuu PBC 1111 1111 1111 1111 1111 1111 uuuu uuuu PCPU 0000 0000 0000 0000 0000 0000 uuuu uuuu PC 1111 1111 1111 1111 1111 1111 uuuu uuuu PCC 1111 1111 1111 1111 1111 1111 uuuu uuuu PDPU - - - - - - 00 - - - - - - 00 - - - - - - 00 - - - - - - uu PD ---- --1 1 ---- --1 1 ---- --1 1 - - - - - - uu PDC ---- --1 1 ---- --1 1 ---- --1 1 - - - - - - uu RSTC 0101 0101 0101 0101 0101 0101 uuuu uuuu PXFS0 0000 0000 0000 0000 0000 0000 uuuu uuuu PXFS1 --00 0000 --00 0000 --00 0000 --uu uuuu PAFS0 0000 0000 0000 0000 0000 0000 uuuu uuuu PAFS1 0000 0000 0000 0000 0000 0000 uuuu uuuu PBFS0 0000 0000 0000 0000 0000 0000 uuuu uuuu PBFS1 0000 0000 0000 0000 0000 0000 uuuu uuuu PCFS0 0000 0000 0000 0000 0000 0000 uuuu uuuu PCFS1 0000 0000 0000 0000 0000 0000 uuuu uuuu PDFS0 ---- 0000 ---- 0000 ---- 0000 ---- uuuu CT�C0 0000 0000 0000 0000 0000 0000 uuuu uuuu CT�C1 0000 0000 0000 0000 0000 0000 uuuu uuuu CT�DL 0000 0000 0000 0000 0000 0000 uuuu uuuu CT�DH - - - - - - 00 - - - - - - 00 - - - - - - 00 - - - - - - uu CT�AL 0000 0000 0000 0000 0000 0000 uuuu uuuu CT�AH - - - - - - 00 - - - - - - 00 - - - - - - 00 - - - - - - uu EEA --00 0000 --00 0000 --00 0000 --uu uuuu EED 0000 0000 0000 0000 0000 0000 uuuu uuuu EEC ---- 0000 ---- 0000 ---- 0000 ---- uuuu ET�C0 0000 0000 0000 0000 0000 0000 uuuu uuuu ET�C1 0000 0000 0000 0000 0000 0000 uuuu uuuu ET�C2 0000 0000 0000 0000 0000 0000 uuuu uuuu ET�DL 0000 0000 0000 0000 0000 0000 uuuu uuuu ET�DH - - - - - - 00 - - - - - - 00 - - - - - - 00 - - - - - - uu |