| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT68F006 bảng dữ liệu(PDF) 19 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F006 bảng dữ liệu(HTML) 19 Page - Holtek Semiconductor Inc |
|
19 / 93 page ![]() Rev. 1.00 18 ��to�e� ��� �01� Rev. 1.00 19 ��to�e� ��� �01� HT68F005/HT68F006 Enhanced I/O Flash Type MCU HT68F005/HT68F006 Enhanced I/O Flash Type MCU * * Wr it er _V DD IC PD A IC PC K Wr it er _V SS To o th er C ir cu it PA 0 PA7 VSS VD D Wr it er C onne ct or Si gnal s MC U Pr og ra mm in g Pi ns Note:*mayberesistororcapacitor.Theresistanceof*mustbegreater than1kΩorthecapacitanceof*mustbelessthan1nF. On-Chip Debug Support – OCDS ThereisanEVchipwhichisusedtoemulatetheHT68F00xdeviceseries.TheEVchipdevice alsoprovidesan“On-ChipDebug”functiontodebugthedevicesduringthedevelopmentprocess. TheEVchipandtheactualMCUdevicesarealmostfunctionallycompatibleexceptfor“On-Chip Debug”function.UserscanusetheEVchipdevicetoemulatetherealchipdevicebehavior byconnectingtheOCDSDAandOCDSCKpinstotheHoltekHT-IDEdevelopmenttools.The OCDSDApinistheOCDSData/Addressinput/outputpinwhiletheOCDSCKpinistheOCDS clockinputpin.WhenusersusetheEVchipfordebugging,otherfunctionswhicharesharedwith theOCDSDAandOCDSCKpinsintheactualMCUdevicewillhavenoeffectintheEVchip. However,thetwoOCDSpinswhicharepin-sharedwiththeICPprogrammingpinsarestillused astheFlashMemoryprogrammingpinsforICP.FormoredetailedOCDSinformation,refertothe correspondingdocumentnamed“Holteke-Linkfor8-bitMCUOCDSUser’sGuide”. Holtek e-Link Pins EV Chip Pins Pin Description �CDSDA �CDSDA �n-Chip De�ug Suppo�t Data/Add�ess input/output �CDSCK �CDSCK �n-Chip De�ug Suppo�t Clo�k input VDD VDD Powe� Supply GND VSS G�ound |