| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT68F006 bảng dữ liệu(PDF) 14 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F006 bảng dữ liệu(HTML) 14 Page - Holtek Semiconductor Inc |
|
14 / 93 page ![]() Rev. 1.00 14 ��to�e� ��� �01� Rev. 1.00 15 ��to�e� ��� �01� HT68F005/HT68F006 Enhanced I/O Flash Type MCU HT68F005/HT68F006 Enhanced I/O Flash Type MCU Fe tc h In st . ( PC ) Ex ec ut e In st . (P C- 1) Fe tc h In st . (P C+ 1) Ex ec ut e In st . (P C) Fe tc h In st . (P C+ 2) Ex ec ut e In st . (P C+ 1) PC PC +1 PC +2 f SY S (S yst em C lo ck) P has e Cl o ck T1 Pr ogr am C oun te r P has e Cl o ck T2 P has e Cl o ck T3 P has e Cl o ck T4 Pi pe lin in g System Clocking and Pipelining Fe tc h In st . 1E xe cu te In s t. 1 Fe tc h In s t. 2 Fl us h Pi pe lin e 1 2 3 4 5 6 DE L AY: MO V A, [1 2H ] CA LL D EL AY CP L [ 12H ] : : NO P Ex ec ut e In st . 2 Fe tc h In s t. 3 Fe tc h In s t. 6 Ex ec ut e In st . 6 Fe tc h In st . 7 Instruction Fetching Program Counter Duringprogramexecution,theProgramCounterisusedtokeeptrackoftheaddressofthe nextinstructiontobeexecuted.Itisautomaticallyincrementedbyoneeachtimeaninstruction is executed except for instructions, such as “JMP” or “CALL” that demand a jump to a non-consecutiveProgramMemoryaddress.Onlythelower8bits,knownastheProgramCounter LowRegister,aredirectlyaddressablebytheapplicationprogram. Whenexecutinginstructionsrequiringjumpstonon-consecutiveaddressessuchasajump instruction,asubroutinecall,interruptorreset,etc.,themicrocontrollermanagesprogramcontrol byloadingtherequiredaddressintotheProgramCounter.Forconditionalskipinstructions,once theconditionhasbeenmet,thenextinstruction,whichhasalreadybeenfetchedduringthepresent instructionexecution,isdiscardedandadummycycletakesitsplacewhilethecorrectinstructionis obtained. Device Program Counter High Byte Low Byte (PCL Register) HT68F005 PC8 PCL7~PCL0 HT68F006 PC9~PC8 PCL7~PCL0 Program Counter ThelowerbyteoftheProgramCounter,knownastheProgramCounterLowregisterorPCL,is availableforprogramcontrolandisareadableandwriteableregister.Bytransferringdatadirectly intothisregister,ashortprogramjumpcanbeexecuteddirectly;however,asonlythislowbyte isavailableformanipulation,thejumpsarelimitedtothepresentpageofmemory,thatis256 locations.Whensuchprogramjumpsareexecuteditshouldalsobenotedthatadummycycle willbeinserted.ManipulatingthePCLregistermaycauseprogrambranching,soanextracycleis neededtopre-fetch. |