| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S82078 bảng dữ liệu(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S82078 bảng dữ liệu(HTML) 2 Page - Intel Corporation |
|
2 / 3 page ![]() 82078 Table 1-0 64 Pin Part Versions 33V 50V 2 Mbps Data Rate 82078SL X X 82078-1 X X The 44 pin is targeted for platforms that are operated at 33V or 50V and do not require more than two drive support The 82078-5 is designed for price sensitive 50V designs which do not include 4 MB drive support Table 2-0 44 Pin Part Versions 33V 50V 1 Mbps Data Rate 82078 X X 82078-5 X 82078-3 X X Both parts can be operated at 1 Mbps500 Kbps300 Kbps250 Kbps Additionally one version of the 64 pin part provides 2 Mbps data rate operation specific for the new tape drives The 82078 is fabricated with Intel’s advanced CHMOS III technology 290468 – 1 2 |