| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S82078 bảng dữ liệu(PDF) 1 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S82078 bảng dữ liệu(HTML) 1 Page - Intel Corporation |
|
1 / 3 page ![]() Other brands and names are the property of their respective owners Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata February 1994 COPYRIGHT INTEL CORPORATION 1996 Order Number 290468-003 82078 CHMOS SINGLE-CHIP FLOPPY DISK CONTROLLER Y Small Footprint and Low Height Packages Y Supports Standard 50V as Well as Low Voltage 33V Platforms Selectable 33V and 50V Configuration 50V Tolerant Drive Interface Y Enhanced Power Management Application Software Transparency Programmable Powerdown Command Save and Restore Commands for 0V Powerdown Auto Powerdown and Wakeup Modes Two External Power Management Pins Consumes No Power While in Powerdown Y Programmable Internal Oscillator Y Floppy Drive Support Features Drive Specification Command Media ID Capability Provides Media Recognition Drive ID Capability Allows the User to Recognize the Type of Drive Selectable Boot Drive Standard IBM and ISO Format Features Format with Write Command for High Performance in Mass Floppy Duplication Y Integrated HostDisk Interface Drivers Y Integrated Analog Data Separator 250 Kbitssec 300 Kbits sec 500 Kbits sec 1 Mbitssec 2 Mbitssec Y Integrated Tape Drive Support Standard 1 Mbps500 Kbps 250 Kbps Tape Drives New 2 Mbps Tape Drive Mode Y Perpendicular Recording Support for 4 MB Drives Y Fully Decoded Drive Select and Motor Signals Y Programmable Write Precompensation Delays Y Addresses 256 Tracks Directly Supports Unlimited Tracks Y 16 Byte FIFO Y Single-Chip Floppy Disk Controller Solution for Portables and Desktops 100% PC-AT Compatible 100% PS2 Compatible 100% PS2 Model 30 Compatible Fully Compatible with Intel’s 386SL Microprocessor SuperSet Integrated Drive and Data Bus Buffers Y Available in 64 Pin QFP and 44 Pin QFP Package (See Package Specification Order Number 240800 Package Type S) The 82078 Product Family brings a set of enhanced floppy disk controllers These include several features that allow for easy implementation in both the portable and desktop market The current family includes a 64 pin and a 44 pin part in the smaller form factor QFP package The 33V version of the 64 pin part provides an ideal solution for the rapidly emerging 33V platforms It also allows for a 50V tolerant floppy drive interface that lets the users retain their normal 50V drives Another version of the 64 pin part provides support for 2 Mbps data rate tape drives Other brands and names are the property of their respective owners |
Số phần tương tự - S82078 |
|
Mô tả tương tự - S82078 |