công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5528-AP bảng dữ liệu(PDF) 47 Page - Cirrus Logic

tên linh kiện CS5528-AP
Giải thích chi tiết về linh kiện  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP bảng dữ liệu(HTML) 47 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 43Page - Cirrus Logic CS5528-AP Datasheet HTML 44Page - Cirrus Logic CS5528-AP Datasheet HTML 45Page - Cirrus Logic CS5528-AP Datasheet HTML 46Page - Cirrus Logic CS5528-AP Datasheet HTML 47Page - Cirrus Logic CS5528-AP Datasheet HTML 48Page - Cirrus Logic CS5528-AP Datasheet HTML 49Page - Cirrus Logic CS5528-AP Datasheet HTML 50Page - Cirrus Logic CS5528-AP Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
CS5521/22/23/24/28
DS317F2
47
configuration register. Note that while the RS
bit is set to ‘1’ all other register bits in the ADC
will be reset to their default state, and the RS bit
must be set to ‘0’ for normal operation of the
converters.
Once the RS bit has been set to ‘0’, the ADC is
placed in the command state were it waits for a val-
id command to execute. The next step is to load the
configuration register and then the channel setup
registers with conditions that you have decided. If
you need to do a factory calibration, perform offset
and gain calibrations for each channel that is to be
used. Then off-load the offset and gain register
contents into EEPROM. These registers can then
be initialized to these conditions when the instru-
ment is used in normal operation. Once calibration
is ready, input the command to start conversions in
the mode you have selected via the configuration
register bits. Monitor the SDO pin for a flag that the
data is ready and read conversion data.
2.11 PCB Layout
The CS5521/22/23/24/28 should be placed entirely
over an analog ground plane with both the AGND
and DGND pins of the device connected to the an-
alog plane. Place the analog-digital plane split im-
mediately adjacent to the digital portion of the chip.
If separate digital (VD+) and analog (VA+) sup-
plies are used, it is recommended that a diode be
placed between them (the cathode of the diode
should point to VA+). If the digital supply comes
up before the analog supply, the ADC may not start
up properly.
Note: See the CDB5521/22/23/24/28 data sheet for suggest-
ed layout details and Applications Note 18 for more
detailed layout guidelines. Before layout, please call
for our Free Schematic Review Service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com