công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5528-AP bảng dữ liệu(PDF) 25 Page - Cirrus Logic

tên linh kiện CS5528-AP
Giải thích chi tiết về linh kiện  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP bảng dữ liệu(HTML) 25 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 21Page - Cirrus Logic CS5528-AP Datasheet HTML 22Page - Cirrus Logic CS5528-AP Datasheet HTML 23Page - Cirrus Logic CS5528-AP Datasheet HTML 24Page - Cirrus Logic CS5528-AP Datasheet HTML 25Page - Cirrus Logic CS5528-AP Datasheet HTML 26Page - Cirrus Logic CS5528-AP Datasheet HTML 27Page - Cirrus Logic CS5528-AP Datasheet HTML 28Page - Cirrus Logic CS5528-AP Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
CS5521/22/23/24/28
DS317F2
25
2.2.5 Serial Port Interface
The CS5521/22/23/24/28’s serial interface consists
of four control lines: CS, SCLK, SDI, SDO.
Figure 10 illustrates the serial sequence necessary
to write to, or read from the serial port’s registers.
CS, Chip Select, is the control line which enables
access to the serial port. If the CS pin is tied low,
the port can function as a three wire interface.
SDI, Serial Data In, is the data signal used to trans-
fer data to the converters.
SDO, Serial Data Out, is the data signal used to
transfer output data from the converters. The SDO
output will be held at high impedance any time CS
is at logic 1.
SCLK, Serial Clock, is the serial bit-clock which
controls the shifting of data to or from the ADC’s
serial port. The CS pin must be held low (logic 0)
before SCLK transitions can be recognized by the
port logic. To accommodate optoisolators SCLK is
designed with a Schmitt-trigger input to allow an
optoisolator with slower rise and fall times to di-
rectly drive the pin. Additionally, SDO is capable
of sinking or sourcing up to 5 mA to directly drive
an optoisolator LED. SDO will have less than a
400 mV loss in the drive voltage when sinking or
sourcing 5 mA.
Command Time
8SCLKs
Data Time 24 SCLKs
Write Cycle
CS
SCLK
SDI
MSB
LSB
Command Time
8SCLKs
CS
SCLK
SDI
Data Time 24 SCLKs
SDO
MSB
LSB
Read Cycle
Command Time
8 SCLKs
8 SCLKs Clear SDO Flag
SDO
SCLK
SDI
Data Time
24 SCLKs
MSB
LSB
* td = XIN/OWR clock cycles for each conversion except the
first conversion which will take XIN/OWR + 7 clock cycles
XIN/OWR
Clock Cycles
t *
d
Figure 10. Command and Data Word Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com