công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9660TR bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện L9660TR
Giải thích chi tiết về linh kiện  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 30Page - STMicroelectronics L9660TR Datasheet HTML 31Page - STMicroelectronics L9660TR Datasheet HTML 32Page - STMicroelectronics L9660TR Datasheet HTML 33Page - STMicroelectronics L9660TR Datasheet HTML 34Page - STMicroelectronics L9660TR Datasheet HTML 35Page - STMicroelectronics L9660TR Datasheet HTML 36Page - STMicroelectronics L9660TR Datasheet HTML 37Page - STMicroelectronics L9660TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Functional description
L9660
34/49
DocID024714 Rev 2
Deployment commands
The deployment mode is used to activate the drivers. Two consecutive commands are
required to activate the drivers. Any combination of channels can be fired as long as the
prerequisite conditions are met as indicated in the previous section.
The SPI message definition for MOSI commands and MISO responses in Deployment
Mode are defined below.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Deployment Mode 1
0
1
P
1
1
0
0
1
0
0
0
0
Arming Channel Select
MISO Response for Deployment Mode 1
0
1
P
1
1
0
0
1
0
0
0
0
Armed Channels
MOSI Command for Deployment Mode 2
0
1
P
0
0
0
0
0
0
0
0
0
Firing Channel Select
MISO Response for Deployment Mode 2
0
1
P
0
0
0
0
0
0
0
0
0
Channels activated or
channels waiting for FEN
input
Table 18. Deployment mode 1 bit definition
Bit
MOSI command
MISO response
State
Description
D15
0
Mode bits
See above
D14
1
See above
D13
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12 – D8
Arm pattern
See above
D7
0
-
0
D6
0
-
0
D5
0
-
0
D4
0
-
0
D3
0
Channel 3 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 3
D2
0
Channel 2 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 2
D1
0
Channel 1 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com