| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M34E02-F bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E02-F bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 36 page ![]() Device operation M34E02-F 16/36 DocID10367 Rev 14 Figure 8. Write mode sequences in a non write-protected area Figure 9. Write cycle polling flowchart using ACK Byte Write Device select Byte address Data in Page Write Device select Byte address Data in 1 Data in 2 AI01941b Data in N ACK ACK ACK R/W ACK ACK ACK R/W ACK ACK WRITE cycle in progress AI01847d Next operation is addressing th e memory Start condition Device select with RW = 0 ACK returned YES NO YES NO ReStart Stop Data for the WRITE operation Device select with RW = 1 Send address and receive ACK First byte of instruction with RW = 0 already decoded by the device YES NO Start condition Continue the WRITE operation Continue the Random READ operation |