| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M34E02-F bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E02-F bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 36 page ![]() DocID10367 Rev 14 11/36 M34E02-F Signal description Table 2. Device select code Chip Enable signals Device type identifier Chip Enable bits RW b7(1) 1. The most significant bit, b7, is sent first. b6 b5 b4 b3 b2 b1 b0 Memory area select code (two arrays)(2) 2. E0, E1 and E2 are compared against the respective external pins on the memory device. E2 E1 E0 1010 E2 E1 E0 RW Set write protection (SWP) VSS VSS VHV(3) 3. VHV is defined in Table 13. 0110 00 1 0 Clear write protection (CWP) VSS VCC VHV(3) 01 1 0 Permanently set write protection (PSWP)(2) E2 E1 E0 E2 E1 E0 0 Read SWP VSS VSS VHV(3) 00 1 1 Read CWP VSS VCC VHV(3) 01 1 1 Read PSWP(2) E2 E1 E0 E2 E1 E0 1 |