| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C64M8D1 bảng dữ liệu(PDF) 27 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C64M8D1 bảng dữ liệu(HTML) 27 Page - Alliance Semiconductor Corporation |
|
27 / 64 page ![]() AS4C64M8D1 Confidential 26 Rev. 2.0 Oct. /2014 Figure 11. Terminating a Read Burst Required CAS Latencies (CL=2) CK CK COMMAND READ NOP BST NOP NOP NOP Bank A, Col n ADDRESS DQS DQ CL=2 Don’t Care DO n = Data Out from column n Cases shown are bursts of 8 terminated after 4 data elements 3 subsequent elements of Data Out appear in the programmed order following DO n DO n Terminating a Read Burst Required CAS Latencies (CL=2.5) CK CK COMMAND READ NOP BST NOP NOP NOP Bank A, Col n ADDRESS DQS DQ CL=2.5 Don’t Care DO n = Data Out from column n Cases shown are bursts of 8 terminated after 4 data elements 3 subsequent elements of Data Out appear in the programmed order following DO n DO n |