| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFE252012C bảng dữ liệu(PDF) 15 Page - MagnaChip Semiconductor. |
|
|
|||||||||||||||||||||||||||||
DFE252012C bảng dữ liệu(HTML) 15 Page - MagnaChip Semiconductor. |
|
15 / 17 page ![]() Confidential Datasheet Version 1.1 Mar. 2015. Revision 1.1 MagnaChip Semiconductor Ltd. 15 READING FROM MULTIPLE REGISTERS WITH INCREMENTAL ADDRESSING Reading from multiple registers starts in the same way like reading from a single register. As soon as the first register is read, the register address is automatically incremented. If the master generates an acknowledge pulse after receiving the data from the first register, then reading of the next register can start immediately without sending the device address and the register address again. The last acknowledge pulse before the STOP bit is not required. 7bit DEVICE ADDRESS 8bit ADDRESS OF REGISTER DATA i 7bit DEVICE ADDRESS S T R T M S B L S B L S B M S B M S B W / R A C K A C K L S B A C K W / R S T R T DATA i+1 DATA i+n-1 DATA i+n A C K M S B L S B A C K M S B L S B A C K M S B L S B A C K M S B L S B S T O P R E A D W R T N O A C K SCL SDA Figure 28 Reading from multiple registers |