| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BULB128D bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BULB128D bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() BULB128D-1 HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR s STMicroelectronics PREFERRED SALESTYPE s NPN TRANSISTOR s HIGH VOLTAGE CAPABILITY s LOW SPREAD OF DYNAMIC PARAMETERS s MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION s VERY HIGH SWITCHING SPEED s INTEGRATED ANTIPARALLEL COLLECTOR-EMITTER DIODE APPLICATIONS: s ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING s FLYBACK AND FORWARD SINGLE TRANSISTOR LOW POWER CONVERTERS DESCRIPTION The device is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and medium voltage capability. It uses a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. The device is designed for use in lighting applications and low cost switch-mode power supplies. ® INTERNAL SCHEMATIC DIAGRAM September 2003 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCES Collector-Emitter Voltage (VBE = 0) 700 V VCEO Collector-Emitter Voltage (IB = 0) 400 V VEBO Emitter-Base Voltage (IC = 0, IB = 2 A, tp < 10 µs, Tj < 150oC) V(BR)EBO V IC Collector Current 4 A ICM Collector Peak Current (tp < 5 ms) 8 A IB Base Current 2 A IBM Base Peak Current (tp < 5 ms) 4 A Ptot Total Dissipation at Tc = 25 o C70 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1 2 3 I 2PAK (TO-262) Ordering Code Marking Shipment BULB128D-1 BULB128D Tube 1/7 |
Số phần tương tự - BULB128D |
|
Mô tả tương tự - BULB128D |