| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPS72011DRVT bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS72011DRVT bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Apr-2017 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples HPA01044DRVR ACTIVE WSON DRV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 DAB TPS72009YZUR ACTIVE DSBGA YZU 5 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 G3 TPS72009YZUT ACTIVE DSBGA YZU 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 G3 TPS720105DRVR ACTIVE WSON DRV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 ODC TPS720105DRVT ACTIVE WSON DRV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 ODC TPS720105YZUR ACTIVE DSBGA YZU 5 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 NM TPS720105YZUT ACTIVE DSBGA YZU 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 NM TPS72010DRVR ACTIVE WSON DRV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 DAA TPS72010DRVT ACTIVE WSON DRV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 DAA TPS720115DRVR ACTIVE WSON DRV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 SHP TPS720115DRVT ACTIVE WSON DRV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 SHP TPS72011DRVR ACTIVE WSON DRV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 PAR TPS72011DRVT ACTIVE WSON DRV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 PAR TPS72011YZUR ACTIVE DSBGA YZU 5 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 BQ TPS72011YZUT ACTIVE DSBGA YZU 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 BQ TPS72012DRVR ACTIVE WSON DRV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 DAB TPS72012DRVT ACTIVE WSON DRV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 DAB |