| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMF2803R3S bảng dữ liệu(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AMF2803R3S bảng dữ liệu(HTML) 4 Page - International Rectifier |
|
4 / 8 page ![]() AMF28XXXXS SERIES (28V Input, Single Output) 4 2016-05-16 Dynamic Characteristics -55°C ≤ TCASE ≤ +125°C, VIN = 28VDC ± 5%, CL = 0, unless otherwise specified. Notes to Specifications 1. Parameter guaranteed by line and load regulation tests. 2. Bandwidth guaranteed by design. Tested for 20 Hz to 2.0MHz. 3. Capacitive value may be any value from 0 to the maximum limit without compromising DC performance. A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 4. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be guaranteed to the limit specified. 5. Load step transition time between 2 and 10 microseconds. 6. Recovery time is measured from initiation of the transient to where VOUT has returned to within ±1% of VOUT at 50% load. 7. Input step transient time between 1 and 10 microseconds. 8. Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin while power is applied to the input. Synchronization Input Frequency Range Pulse Amplitude, Hi 4 Pulse Amplitude, Lo 4 Pulse Rise time 4 Pulse Duty Cycle 4 4, 5, 6 500 2.5 -0.5 20 700 10 0.8 100 80 kHz V V ns % Output Response to Step Transient Load Changes 5 All Models AMF2803R3S AMF2805S AMF2807R5S AMF2812S AMF2815S 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 Load step 50% 100% Load step 0% 50% -300 -400 -500 -750 -750 -750 +300 +400 +500 +750 +750 +750 mVpk Recovery Time, Step Transient Load Changes 5, 6 AMF2803R3S AMF2805S AMF2807R5S AMF2812S AMF2815S All Models 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 Load step 50% 100% Load step 0% 50% 70 70 100 100 100 2.0 µs ms Output Response Transient Step Line Changes 4, 7 AMF2803R3S AMF2805S AMF2807R5S AMF2812S AMF2815S 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 Input step 16 40VDC, 100% Load -500 -500 -1200 -1500 -1500 +500 +500 +1200 +1500 +1500 mVpk Recovery Time Transient Step Line Changes 4, 7 4, 5, 6 Input step 16 40VDC, 100% load 800 ms Turn On Overshoot 8 AMF2803R3S AMF2805S AMF2807R5S AMF2812S AMF2815S 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 0% load to 100% load 400 600 600 600 750 mVpk Turn On Delay 8 4, 5, 6 0% load to 100% load 20 ms Parameter Group A Subgroups Test Conditions Min Nom Max Unit |