| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMF2803R3S bảng dữ liệu(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AMF2803R3S bảng dữ liệu(HTML) 3 Page - International Rectifier |
|
3 / 8 page ![]() AMF28XXXXS SERIES (28V Input, Single Output) 3 2016-05-16 Static Characteristics (Continued) -55°C ≤ TCASE ≤ +125°C,VIN = 28VDC ± 5%, CL=0, unless otherwise specified. For Notes to Electrical Performance Characteristics, refer to page 4 Parameter Group A Subgroups Test Conditions Min Nom Max Unit Input Current No Load Inhibit 1, 2, 3 1, 2, 3 VIN = 28V, IOUT = 0, Inhibit (pin 1) = open (AMF2812S and AMF2815S) (All other Models) Inhibit (pin 1) shorted to input return (pin 7) (All Models) 30 20 8.0 50 30 12 mA Input Ripple Current 1, 2, 3 VIN = 16, 28, 40 Volts, 100% load, BW = 20 Hz to 2 MHz 20 50 mAPP Efficiency AMF2803R3S AMF2805S AMF2807R5S AMF2812S AMF2815S AMF2803R3S AMF2805S AMF2807R5S AMF2812S AMF2815S 1 1, 3 1, 3 1, 3 1, 3 2, 3 2 2 2 2 100% load 71 76 77 78 78 70 72 73 75 75 % Isolation 1 Input to output or any pin to case (except pin 6) at 500VDC 100 M Capacitive Load 3, 4 AMF2803R3S AMF2805S AMF2807R5S AMF2812S AMF2815S 4 4 4 4 4 No effect on dc performance 500 500 300 200 200 µF Short Circuit Power Dissipation 1, 2, 3 AMF2803R3S All other Models 7.0 6.0 W Short Circuit Recovery 4 4, 5, 6 0% load to 100% Load 20 ms Switching Frequency 4, 5, 6 100% load 500 550 600 kHz MTBF MIL-HDBK-217F SF @ Tc = 35ºC 750 kHrs Weight 36 g |