| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L471RG bảng dữ liệu(PDF) 215 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG bảng dữ liệu(HTML) 215 Page - STMicroelectronics |
|
215 / 218 page ![]() DocID027226 Rev 1 215/218 STM32L471xx Package information 215 In this case, parts must be ordered at least with the temperature range suffix 7 (see Section 8: Part numbering) unless we reduce the power dissipation in order to be able to use suffix 6 parts. Refer to Figure 60 to select the required temperature range (suffix 6 or 7) according to your ambient temperature or power requirements. Figure 60. LQFP64 PD max vs. TA |