| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L443CC bảng dữ liệu(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC bảng dữ liệu(HTML) 99 Page - STMicroelectronics |
|
99 / 207 page ![]() IDD(Stop 2 with RTC) Supply current in Stop 2 mode, RTC enabled RTC clocked by LSI, LCD disabled 1.8 V 1.3 2.82 9.02 20.1 43.6 2.5 6.2 21.6 51.3 116.3 µA 2.4 V 1.39 2.95 9.24 20.5 44.6 2.8 6.4 22.3 52.8 120.0 3 V 1.5 3.11 9.55 21.1 45.8 3.0 6.8 23.0 54.5 123.8 3.6 V 1.76 3.42 10.1 22.1 47.8 3.3 7.2 24.1 56.7 128.7 RTC clocked by LSI, LCD enabled(2) 1.8 V 1.41 2.96 9.13 20.1 43.3 2.8 6.4 22.1 52.0 117.6 2.4 V 1.49 3.08 9.35 20.5 44.2 3.0 6.7 22.8 53.5 121.2 3 V 1.61 3.25 9.41 20.5 45.6 3.2 7.1 23.5 55.2 125.1 3.6 V 1.91 3.63 10.3 22.3 48.1 3.5 7.5 24.6 57.5 130.0 (3) RTC clocked by LSE bypassed at 32768Hz,LCD disabled 1.8 V 1.36 2.9 9.1 20.1 43.7 - - - - - 2.4 V 1.48 3.09 9.44 20.8 45 - - - - - 3 V 1.83 3.67 10.4 22.3 47.3 - - - - - 3.6 V 3.58 6.17 13.9 26.6 53 - - - - - RTC clocked by LSE quartz(4) in low drive mode, LCD disabled 1.8 V 1.28 2.81 9.13 20.8 - - - - - - 2.4 V 1.39 2.93 9.34 21.3 - - - - - - 3 V 1.59 3.1 9.64 21.8 - - - - - - 3.6 V 1.86 3.45 10.2 22.8 - - - - - - IDD(wakeup from Stop2) Supply current during wakeup from Stop 2 mode Wakeup clock is MSI = 48 MHz, voltage Range 1. See (5). 3 V 1.85 - - - - - -- -- mA Wakeup clock is MSI = 4 MHz, voltage Range 2. See (5). 3 V 1.52 - - - - - -- -- Wakeup clock is HSI16 = 16 MHz, voltage Range 1. See (5). 3 V 1.54 - - - - - -- -- Table 32. Current consumption in Stop 2 mode (continued) Symbol Parameter Conditions TYP MAX(1) Unit -VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C |