| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L443CC bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 207 page ![]() DocID028739 Rev 2 65/207 STM32L443CC STM32L443RC STM32L443VC Pinouts and pin description 80 - - - --- 97 C3 PE0 I/O FT_l - LCD_SEG36, TIM16_CH1, EVENTOUT - - - - - - - 98 A2 PE1 I/O FT_l - LCD_SEG37, EVENTOUT - 47 47 A6 A7 63 D4 99 D3 VSS S - - - - 48 48 A7 A8 64 E4 100 C4 VDD S - - - - 1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3 mA), the use of GPIOs PC13 to PC15 in output mode is limited: - The speed should not exceed 2 MHz with a maximum load of 30 pF - These GPIOs must not be used as current sources (e.g. to drive an LED). 2. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the Backup domain and RTC register descriptions in the RM0394 reference manual. 3. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13, PB4 pins and the internal pull-down on PA14 pin are activated. Table 13. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |