| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F401CDU6 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CDU6 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 135 page ![]() Description STM32F401xD STM32F401xE 12/135 DocID025644 Rev 3 2.1 Compatibility with STM32F4 series The STM32F401xD/xE are fully software and feature compatible with the STM32F4 series (STM32F42x, STM32F43x, STM32F41x, STM32F405 and STM32F407) The STM32F401xD/xE can be used as drop-in replacement of the other STM32F4 products but some slight changes have to be done on the PCB board. Figure 1. Compatible board design for LQFP100 package |