| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F401CDU6 bảng dữ liệu(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CDU6 bảng dữ liệu(HTML) 77 Page - STMicroelectronics |
|
77 / 135 page ![]() DocID025644 Rev 3 77/135 STM32F401xD STM32F401xE Electrical characteristics 114 Figure 22. High-speed external clock source AC timing diagram Table 36. Low-speed external user clock characteristics Symbol Parameter Conditions Min Typ Max Unit fLSE_ext User External clock source frequency(1) - 32.768 1000 kHz VLSEH OSC32_IN input pin high level voltage 0.7VDD -VDD V VLSEL OSC32_IN input pin low level voltage VSS -0.3VDD tw(LSE) tf(LSE) OSC32_IN high or low time(1) 450 - - ns tr(LSE) tf(LSE) OSC32_IN rise or fall time(1) -- 50 Cin(LSE) OSC32_IN input capacitance(1) -5 - pF DuCy(LSE) Duty cycle 30 - 70 % IL OSC32_IN Input leakage current VSS ≤ VIN ≤ VDD -- ±1 µA 1. Guaranteed by design, not tested in production. |