| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F401XD bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401XD bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 135 page ![]() DocID025644 Rev 3 9/135 STM32F401xD STM32F401xE Introduction 54 1 Introduction This datasheet provides the description of the STM32F401xD/xE line of microcontrollers. The STM32F401xD/xE datasheet should be read in conjunction with RM0368 reference manual which is available from the STMicroelectronics website www.st.com. It includes all information concerning Flash memory programming. For information on the Cortex-M4 core, please refer to the Cortex-M4 programming manual (PM0214) available from www.st.com. |