| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F098VC bảng dữ liệu(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F098VC bảng dữ liệu(HTML) 118 Page - STMicroelectronics |
|
118 / 128 page ![]() Package information STM32F098CC STM32F098RC STM32F098VC 118/128 DocID026967 Rev 4 7.7 UFQFPN48 package information UFQFPN48 is a 48-lead, 7x7 mm, 0.5 mm pitch, ultra-thin fine-pitch quad flat package. Figure 51. UFQFPN48 package outline 1. Drawing is not to scale. 2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life. 3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this back-side pad to PCB ground. |