| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S003F3 bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S003F3 bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 104 page ![]() DocID018576 Rev 9 51/104 STM8S003F3 STM8S003K3 Electrical characteristics 87 9.3.1 VCAP external capacitor Stabilization for the main regulator is achieved connecting an external capacitor CEXT to the VCAP pin. CEXT is specified in Table 19. Care should be taken to limit the series inductance to less than 15 nH. Figure 10. External capacitor CEXT 1. Legend: ESR is the equivalent series resistance and ESL is the equivalent inductance. 9.3.2 Supply current characteristics The current consumption is measured as described in Section 9.1.5: Pin input voltage. Total current consumption in run mode The MCU is placed under the following conditions: • All I/O pins in input mode with a static value at VDD or VSS (no load) • All peripherals are disabled (clock stopped by Peripheral Clock Gating registers) except if explicitly mentioned. Subject to general operating conditions for VDD and TA. |