| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L151X6 bảng dữ liệu(PDF) 135 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151X6 bảng dữ liệu(HTML) 135 Page - STMicroelectronics |
|
135 / 146 page ![]() DocID17943 Rev 10 135/146 STM8L151x6/8 STM8L152x6/8 Package information 141 10.4 UFQFPN48 package information Figure 57. UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package outline 1. Drawing is not to scale. 2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life. 3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this back-side pad to PCB ground. |