| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L151X6 bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151X6 bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 146 page ![]() DocID17943 Rev 10 65/146 STM8L151x6/8 STM8L152x6/8 Option bytes 65 OPT5 BOR_ON: 0: Brownout reset off 1: Brownout reset on BOR_TH[3:1]: Brownout reset thresholds. Refer to Table 19 for details on the thresholds according to the value of BOR_TH bits. OPTBL OPTBL[15:0]: This option is checked by the boot ROM code after reset. Depending on the content of addresses 00 480B, 00 480C and 0x8000 (reset vector) the CPU jumps to the bootloader or to the reset vector. Refer to the UM0560 bootloader user manual for more details. Table 13. Option byte description (continued) Option byte no. Option description |