công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8L101x3 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện STM8L101x3
Giải thích chi tiết về linh kiện  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x3 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button STM8L101x3 Datasheet HTML 12Page - STMicroelectronics STM8L101x3 Datasheet HTML 13Page - STMicroelectronics STM8L101x3 Datasheet HTML 14Page - STMicroelectronics STM8L101x3 Datasheet HTML 15Page - STMicroelectronics STM8L101x3 Datasheet HTML 16Page - STMicroelectronics STM8L101x3 Datasheet HTML 17Page - STMicroelectronics STM8L101x3 Datasheet HTML 18Page - STMicroelectronics STM8L101x3 Datasheet HTML 19Page - STMicroelectronics STM8L101x3 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
Pin description
STM8L101x1 STM8L101x2 STM8L101x3
16/88
DocID15275 Rev 16
Figure 3. 20-pin UFQFPN package pinout for STM8L101F1U6ATR,
STM8L101F2U6ATR and STM8L101F3U6ATR part numbers
1. Please refer to the warning below.
2. HS corresponds to 20 mA high sink/source capability.
3. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the
STM8L reference manual (RM0013).
Warning:
For the STM8L101F1U6ATR, STM8L101F2U6ATR and
STM8L101F3U6ATR part numbers (devices with COMP_REF
pin), all ports available on 32-pin packages must be
considered as active ports. To avoid spurious effects, the
user has to configure them as input pull-up. A small increase
in consumption (typ. < 300 µA) may occur during the power
up and reset phase until these ports are properly configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88