| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72344K2 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344K2 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 247 page ![]() List of figures ST72344xx, ST2345xx 14/247 Doc ID 12321 Rev 6 Figure 100. Typical VOL at VDD = 3 V (std I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 217 Figure 101. Typical VOL at VDD = 5 V (std I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 217 Figure 102. Typical VOL at VDD = 2.4 V (high-sink I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218 Figure 103. Typical VOL at VDD = 3 V (high-sink I/Os). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218 Figure 104. Typical VOL at VDD = 5 V (high-sink I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218 Figure 105. Typical VOL vs. VDD (std I/Os, 2 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219 Figure 106. Typical VOL vs. VDD (std I/Os, 6 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219 Figure 107. Typical VOL vs. VDD (HS I/Os, IIO = 8 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219 Figure 108. Typical VOL vs. VDD (HS I/Os, IIO = 2 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 Figure 109. Typical VOL vs. VDD (HS I/Os, IIO = 12 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 Figure 110. Typical VDD – vOH at VDD = 2.4 V (std I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 Figure 111. Typical VDD – VOH at VDD = 3 V (std I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221 Figure 112. Typical VDD – VOH at VDD = 4 V (std) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221 Figure 113. Typical VDD – VOH at VDD = 5 V (std) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221 Figure 114. Typical VDD – VOH vs. VDD (high sink) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 222 Figure 115. RESET pin protection when LVD is enabled(1)(2)(3)(4). . . . . . . . . . . . . . . . . . . . . . . . . . 223 Figure 116. RESET pin protection when LVD is disabled (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 223 Figure 117. ADC accuracy characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225 Figure 118. Typical A/D converter application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226 Figure 119. 32-pin low profile quad flat package (7 x 7 mm) outline . . . . . . . . . . . . . . . . . . . . . . . . . . 227 Figure 120. 40-lead very thin fine pitch quad flat no-lead package outline . . . . . . . . . . . . . . . . . . . . . 228 Figure 121. 44-pin low profile quad flat package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 229 Figure 122. 48-pin low profile quad flat package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230 Figure 123. ST7234x ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 236 |