| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRC0 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRC0 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 48 page ![]() Waveforms SRC0 24/48 DocID026008 Rev 2 Figure 18. Long push (option with RST assertion) 1. tSRD period is set by external capacitor CSRD. 2. PB ignored during tINT_Min. 3. PSHOLD signal is ignored during tON_BLANK. Its level is checked after tON_BLANK expires and if it is high the EN signal remains asserted, otherwise EN goes low. 4. Internal pull-down resistor 300 k is connected to PS HOLD input during startup when device is reset. internal pull-down resistor connected to PS HOLD input PS HOLD ignored PB status ignored tON _BLANK tSR D (1) set by C SR D V CC undervoltage detection status ignored PB PS HOLD (3, 4) INT (2) RST Push-button pressed and PB connected to GND tDEBOUNCE tREC Push-button held even after tSRD expires therefore RST is asserted INT can go high , if PB goes high, but system freezes and processor won’t respond if system freezes, processor won’t respond to any INT status change tINT _Min tDEBOUNCE After tON _BLANK PB is monitored for falling edge t ON _BLANK expires PS HOLD state detected as high therefore EN remains high SR AM00252v3 Note: EN is high. |