| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRC0 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRC0 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 48 page ![]() Waveforms SRC0 16/48 DocID026008 Rev 2 Figure 9. Unsuccessful power-up on SRC0 (PB released prior to tON_BLANK) 1. PB detection on falling and rising edges. 2. Internal pull-down resistor 300 k is connected to PS HOLD input during power-up. 3. EN signal goes low with PB release, because processor did not force PSHOLD signal high. internal pull-down resistor connected to PSHOLD input PSHOLD ignored PB status ignored VCC undervoltage detection ignored PB (1) PSHOLD (2) EN (3) RST Push-button pressed and PB connected to GND tDEBOUNCE PB released PSHOLD state detected as low EN deasserted tREC tEN_OFF tON_BLANK AM00248v3 INT signal is held high during power-up (i.e. until PB release in this case). V CC is considered VCC > VTH+. Note: |