công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC560B40X bảng dữ liệu(PDF) 62 Page - STMicroelectronics

tên linh kiện SPC560B40X
Giải thích chi tiết về linh kiện  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B40X bảng dữ liệu(HTML) 62 Page - STMicroelectronics

Back Button SPC560B40X Datasheet HTML 58Page - STMicroelectronics SPC560B40X Datasheet HTML 59Page - STMicroelectronics SPC560B40X Datasheet HTML 60Page - STMicroelectronics SPC560B40X Datasheet HTML 61Page - STMicroelectronics SPC560B40X Datasheet HTML 62Page - STMicroelectronics SPC560B40X Datasheet HTML 63Page - STMicroelectronics SPC560B40X Datasheet HTML 64Page - STMicroelectronics SPC560B40X Datasheet HTML 65Page - STMicroelectronics SPC560B40X Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
62/116
DocID14619 Rev 13
Figure 10. VDD_HV and VDD_BV maximum slope
When STANDBY mode is used, further constraints are applied to the both VDD_HV and
VDD_BV in order to guarantee correct regulator function during STANDBY exit. This is
described on Figure 11.
STANDBY regulator constraints should normally be guaranteed by implementing equivalent
of CSTDBY capacitance on application board (capacitance and ESR typical values), but
would actually depend on exact characteristics of application external regulator.
Figure 11. VDD_HV and VDD_BV supply constraints during STANDBY mode exit
VDD_HV
t
d
d
VDD
POWER UP
POWER DOWN
VDD_HV(MAX)
FUNCTIONAL RANGE
VPORH(MAX)
VDD_HV
VDD_HV(MIN)
VDD(STDBY)
VDD_HV
VDD_HV(MAX)
VDD_LV
t
d
d
VDD STDBY

t
d
d
VDD STDBY

VDD(STDBY)
VDD_LV(NOMINAL)
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More