| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC564L54x bảng dữ liệu(PDF) 156 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564L54x bảng dữ liệu(HTML) 156 Page - STMicroelectronics |
|
156 / 165 page ![]() Revision history SPC56ELx, SPC564Lx 156/165 DocID15457 Rev 12 23-Nov-2010 5 (continued) In the “BCP68 board schematic example” figure, removed the resistor at the base of the BCP68 transistor. In the “DC electrical characteristics” table: – Changed the guarantee parameter for IINJ (was P, is T). – Added a specification for input leakage current for shared ADC input-only ports. Revised the “Flash memory module life” table. In the “FMPLL electrical characteristics” table, revised the footnote defining fSCM and fVCO. In the “Main oscillator electrical characteristics” table: – Changed the max specification for gmXOSCHS (was 11.8 mA/V, is 13.25 mA/V). – Revised the conditions for TXOSCHSSU. In the ‘RC oscillator electrical characteristics” table, deleted the specification for RCMTRIM. Revised the “ADC conversion characteristics” table. In the “RESET pin characteristics” section, changed “nRSTIN” to “RESET”. Added the “Reset sequence” section. Revised the footnotes in the “Nexus debug port timing” table. Added the mechanical drawing for the 100-pin package. In the “Order codes” table, added a footnote about frequency modulation to the “Speed (MHz)” column heading. 23-Mar-2011 6 Editorial changes. In the “Document overview” section, added information about how content specific to silicon versions (“cut1” and “cut2”) is presented. In the isometric miniature package drawings on the front page, removed the third dimension. Changed Symbol from P to D for “Conversion Time” in “ADC conversion characteristics” table. Added classification symbol “D” to seven entries in “Voltage regulator electrical specifications“ table. Removed irrelevant FlexCAN specs. Updated Table “Voltage Thresholds” to reference values specified in Table “Voltage Regulator Electrical Specifications”. RDY pin added for cut2. In the “System pins” table, added a footnote about the MDO0 pad speed. Updated Rsw1 values. Added TUE-related spec information for single and double ADC channels. Added AC Test Timing Conditions to the “AC timing characteristics” section. Added a statement on the first page describing cut1 versus cut2. Moved the first paragraph from the “Description” section to the beginning of the “Document overview” section. Changed pad speed from “M” to “SYM” for FlexRay pins in the “Pin Muxing” table and added this pad type to the footnote. Moved the newly added device current specification entries from the “DC electrical characteristics“ table into a newly created “Supply current characteristics“ table. Table 45. Document revision history Date Revision Changes |