công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC564L54x bảng dữ liệu(PDF) 100 Page - STMicroelectronics

tên linh kiện SPC564L54x
Giải thích chi tiết về linh kiện  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54x bảng dữ liệu(HTML) 100 Page - STMicroelectronics

Back Button SPC564L54x Datasheet HTML 96Page - STMicroelectronics SPC564L54x Datasheet HTML 97Page - STMicroelectronics SPC564L54x Datasheet HTML 98Page - STMicroelectronics SPC564L54x Datasheet HTML 99Page - STMicroelectronics SPC564L54x Datasheet HTML 100Page - STMicroelectronics SPC564L54x Datasheet HTML 101Page - STMicroelectronics SPC564L54x Datasheet HTML 102Page - STMicroelectronics SPC564L54x Datasheet HTML 103Page - STMicroelectronics SPC564L54x Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 165 page
background image
Electrical characteristics
SPC56ELx, SPC564Lx
100/165
DocID15457 Rev 12
3.4
Decoupling capacitors
The internal voltage regulator requires an external NPN ballast and some additional
decoupling capacitors. These capacitors shall be placed on the board as close as possible
to the associated pin.
VDD_HV_ADV
SR 3.3 V ADC supply voltage
—
3.0
3.63
V
VSS_HV_AD0
VSS_HV_AD1
SR
ADC_0 ground and low reference voltage
ADC_1 ground and low reference voltage
—0
0
V
VSS_HV_ADV
SR 3.3 V ADC supply ground
—
0
0
V
VDD_LV_REGCOR
(4)
SR Internal supply voltage
—
—
—
V
VSS_LV_REGCOR
(5)
SR Internal reference voltage
—
0
0
V
VDD_LV_CORx(2) SR Internal supply voltage
—
—
—
V
VSS_LV_CORx(3) SR Internal reference voltage
—
0
0
V
VDD_LV_PLL(2)
SR Internal supply voltage
—
—
—
V
VSS_LV_PLL(3)
SR Internal reference voltage
—
0
0
V
TA
SR Ambient temperature under bias
fCPU  120 MHz
–40
125
°C
TJ
SR Junction temperature under bias
—
–40
150
°C
1. Full functionality cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical characteristics and
I/Os DC electrical specification may not be guaranteed.
2. VDD_HV_ADR0 and VDD_HV_ADR1 cannot be operated at different voltages, and need to be supplied by the same voltage
source.
3. VDD_HV_ADRx must always be applied and should be stable before LBIST starts. If this supply is not above its absolute
minimum level, LBIST operations can fail.
4. Can be connected to emitter of external NPN. Low voltage supplies are not under user control. They are produced by an on-
chip voltage regulator.
5. For the device to function properly, the low voltage grounds (VSS_LV_xxx) must be shorted to high voltage grounds
(VSS_HV_xxx) and the low voltage supply pins (VDD_LV_xxx) must be connected to the external ballast emitter, if one is used.
Table 10. Recommended operating conditions (3.3 V) (continued)
Symbol
Parameter
Conditions
Min(1)
Max
Unit
Table 11. Decoupling capacitors
Symbol
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
CCOL
SR
External decoupling /
stability capacitor
Accuracy -50%/+35%.
Max ESR = 100 mΩ.
20
µF
CLV1
SR
External decoupling /
stability capacitor
Sum of CLV1 placed close to
VDD/VSS_LV_CORy pairs(2).
12µF
40µF
µF
CLV2
SR
External decoupling /
stability capacitor
Sum of CLV2 placed close to
VDD/VSS_LV_CORy pairs shall be
between 300 nF and 900 nF.
100(2)
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com