| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC564L54x bảng dữ liệu(PDF) 143 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564L54x bảng dữ liệu(HTML) 143 Page - STMicroelectronics |
|
143 / 165 page ![]() DocID15457 Rev 12 143/165 SPC56ELx, SPC564Lx Electrical characteristics 164 Figure 32. DSPI classic SPI timing — master, CPHA = 0 12 tHO D Data hold time for outputs Master (MTFE = 0) –2 — ns Slave 6 — Master (MTFE = 1, CPHA = 0) 6 — Master (MTFE = 1, CPHA = 1) –2 — 1. Slave Receive Only Mode can operate at a maximum frequency of 60 MHz. In this mode, the DSPI can receive data on SIN, but no valid data is transmitted on SOUT. Table 41. DSPI timing (continued) No. Symbol Parameter Conditions Min Max Unit Data Last Data First Data First Data Data Last Data SIN SOUT PCSx SCK Output 4 9 12 1 11 10 4 SCK Output (CPOL=0) (CPOL=1) 3 2 Note: The numbers shown are referenced in Table 41. |