| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC564L54x bảng dữ liệu(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564L54x bảng dữ liệu(HTML) 115 Page - STMicroelectronics |
|
115 / 165 page ![]() DocID15457 Rev 12 115/165 SPC56ELx, SPC564Lx Electrical characteristics 164 3.12 Temperature sensor electrical characteristics IDD_HV_AREF(4) T Operating current TJ = 150 C 120 MHz ADC operating at 60 MHz VDD_HV_REF = 3.6 V —— 3 mA TJ = 150 C 120 MHz ADC operating at 60 MHz VDD_HV_REF = 5.5 V —— 5 IDD_HV_OSC (oscillator bypass mode) T Operating current TJ = 150 C 3.3 V supplies 120 MHz —— 900 A IDD_HV_OSC (crystal oscillator mode) D Operating current TJ = 150 C 3.3 V supplies 120 MHz —— 3.5 mA IDD_HV_FLASH (5) T Operating current TJ = 150 C 3.3 V supplies 120 MHz —— 4 mA IDD_HV_PMU T Operating current TJ = 150 C 3.3 V supplies 120 MHz —— 10 mA 1. Devices configured for DPM mode, single core only with Core 0 executing typical code at 120 MHz from SRAM and Core 1 in reset. If core execution mode not specified, the device is configured for LSM mode with both cores executing typical code at 120 MHz from SRAM. 2. Enabled Modules in 'Typical mode': FlexPWM0, ETimer0/1/2, CTU, SWG, DMA, FlexCAN0/1, LINFlex, ADC1, DSPI0/1, PIT, CRC, PLL0/1, I/O supply current excluded. If DPM mode is configured, Core_0 is active while Core_1 is in reset during the measurements. 3. Internal structures hold the input voltage less than VDDA + 1.0 V on all pads powered by VDDA supplies, if the maximum injection current specification is met and VDDA is within the operating voltage specifications. 4. This value is the total current for both ADCs. 5. VFLASH is only available in the calibration package. Table 22. Current consumption characteristics (continued) Symbol Parameter Conditions(1) Min Typ Max Unit Table 23. Temperature sensor electrical characteristics Symbol Parameter Conditions Min Max Unit — P Accuracy TJ = –40 °C to 150 °C –10 10 °C TS D Minimum sampling period — 4 — µs |