| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC56EL70L3 bảng dữ liệu(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L3 bảng dữ liệu(HTML) 73 Page - STMicroelectronics |
|
73 / 128 page ![]() DocID023953 Rev 5 73/128 SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5 Package pinouts and signal descrip- 127 I[3] PCR[131] SIUL GPIO[131] ALT0 GPIO[131] — Pull down MS — — eTimer_2 ETC[3] ALT1 ETC[3] PSMI[42]; PADSEL=1 DSPI_0 CS7 ALT2 — — CTU_0 EXT_TGR ALT3 — — FlexPWM_1 — — FAULT[3] — RDY PCR[132] SIUL GPIO[132] ALT0 GPIO[132] — Pull down FS — — NPC RDY ALT2 — — 1. Programmable via the SRC (Slew Rate Control) bit in the respective Pad Configuration Register; S = Slow, M = Medium, F = Fast, SYM = Symmetric (for FlexRay). 2. The default function of this pin out of reset is ALT1 (TDO). 3. Analog. Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SRC = 1 SRC = 0 100 pkg 144 pkg |