công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LNBH24L bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện LNBH24L
Giải thích chi tiết về linh kiện  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button LNBH24L Datasheet HTML 12Page - STMicroelectronics LNBH24L Datasheet HTML 13Page - STMicroelectronics LNBH24L Datasheet HTML 14Page - STMicroelectronics LNBH24L Datasheet HTML 15Page - STMicroelectronics LNBH24L Datasheet HTML 16Page - STMicroelectronics LNBH24L Datasheet HTML 17Page - STMicroelectronics LNBH24L Datasheet HTML 18Page - STMicroelectronics LNBH24L Datasheet HTML 19Page - STMicroelectronics LNBH24L Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
LNBH24 software description
LNBH24L
16/25
Doc ID 16857 Rev 2
X = don't care
Values are typical unless otherwise specified
Valid with TTX pin floating
7.4
Diagnostic received data (I²C read mode) for both sections
A/B
The LNBH24L can provide to the MCU master a copy of the diagnostic system register
information via I²C bus in read mode. The read mode is master activated by sending the
chip address with R/W bit set to 1. At the following master generated clocks bits, LNBH24L
issues a byte on the SDA data bus line (MSB transmitted first). At the ninth clock bit the
master can:
●
Acknowledge the reception, starting in this way the transmission of another byte from
the LNBH24L
●
No acknowledge, stopping the read mode communication
Three bits of the register are read back as a copy of the corresponding write output voltage
register status (LLC, VSEL, EN), two bits convey diagnostic information about the over-
temperature (OTF), output over-load (OLF) and three bit are for internal usage (TEST1-2-3)
and must be disregarded by the MCU software. In normal operation the diagnostic bits are
set to zero, while, if a failure is occurring, the corresponding bit is set to one. At start-up all
the bits are reset to zero.
Table 7.
Truth table
PCL
TTX
TEN
LLC
VSEL
EN
TEST4 TEST5
Function
00
0
1
0
0
VoRX = 13.3 V, VUP=14.4 V, (VUP-VoRX=1.1 V typ.)
00
1
1
0
0
VoRX = 18.2 V, VUP=19.3 V, (VUP-VoRX=1.1 V typ.)
01
0
1
0
0
VoRX = 14.3 V, VUP=15.4 V, (VUP-VoRX=1.1 V typ.)
01
1
1
0
0
VoRX = 19.2 V, VUP=20.3 V, (VUP-VoRX=1.1 V typ.)
10
1
0
0
Internal 22 kHz controlled by DSQIN pin (only if
TTX=1)
11
1
0
0
Internal 22 kHz tone output on VoTX is always
activated
00
1
0
0
Internal 22 kHz generator disabled, EXTM
modulation enabled
01
0
0
VoRX output is ON, VoTX Tone generator output is
OFF
11
0
0
VoRX output is ON, VoTX Tone generator output is
ON
0
1
0
0
Pulsed (Dynamic) current limiting is selected
1
1
0
0
Static current limiting is selected
X
X
X
X
X
0
X
X
Power block disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com