công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LNBH24L bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện LNBH24L
Giải thích chi tiết về linh kiện  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button LNBH24L Datasheet HTML 11Page - STMicroelectronics LNBH24L Datasheet HTML 12Page - STMicroelectronics LNBH24L Datasheet HTML 13Page - STMicroelectronics LNBH24L Datasheet HTML 14Page - STMicroelectronics LNBH24L Datasheet HTML 15Page - STMicroelectronics LNBH24L Datasheet HTML 16Page - STMicroelectronics LNBH24L Datasheet HTML 17Page - STMicroelectronics LNBH24L Datasheet HTML 18Page - STMicroelectronics LNBH24L Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LNBH24L
LNBH24 software description
Doc ID 16857 Rev 2
15/25
7
LNBH24 software description
The LNBH24L I²C interface controls both the IC sections A and B depending on the address
sent before the DATA byte. All the below description is valid for both sections.
7.1
Interface protocol
The interface protocol comprises:
●
A start condition (S)
●
A chip address byte [the LSB bit determines read (=1)/write (=0) transmission]
●
A sequence of data (1 byte + acknowledge)
●
A stop condition (P)
ACK = Acknowledge
S = Start
P = Stop
R/W = 1/0, Read/Write bit
X = 0/1, two addresses for each section selectable by ADDR-A/B pins (see Table 11)
7.2
System register (SR, 1 Byte for each section A and B)
Write = control bits functions in write mode
Read = diagnostic bits in read mode.
All bits reset to 0 at power on
7.3
Transmitted data (I²C bus write mode) for each sections A/B
When the R/W bit in the section address is set to 0, the main microprocessor can write on
the system register (SR) of the relative section (A or B, depending on the 7 bit address
value) via I²C bus. All and 8 bits are available and can be written by the microprocessor to
control the device functions as per the below truth table (Table 7).
Section address (A or B)
Data
MSB
LSB
MSB
LSB
S
0
0
0
1
0
X
X
R/W ACK
ACK
P
Mode
MSB
LSB
Write
PCL
TTX
TEN
LLC
VSEL
EN
TEST4
TEST5
Read
TEST1
TEST2
TEST3
LLC
VSEL
EN
OTF
OLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com