công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1955 bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện UM1955
Giải thích chi tiết về linh kiện  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 16Page - STMicroelectronics UM1955 Datasheet HTML 17Page - STMicroelectronics UM1955 Datasheet HTML 18Page - STMicroelectronics UM1955 Datasheet HTML 19Page - STMicroelectronics UM1955 Datasheet HTML 20Page - STMicroelectronics UM1955 Datasheet HTML 21Page - STMicroelectronics UM1955 Datasheet HTML 22Page - STMicroelectronics UM1955 Datasheet HTML 23Page - STMicroelectronics UM1955 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Operational amplifiers on the expansion board
UM1955
20/28
DocID028405 Rev 1
10
Operational amplifiers on the expansion board
Table 2 summarizes the main parameters of the operational amplifiers used on this analog
expansion board.
Note:
Current consumption is mentioned per amplifier. The TSZ124, TSV734 and TSU104 contain
four operational amplifiers in the same package.
Table 2. Operational amplifier main parameters
Configuration on
the expansion
board
Icc per
amplifier
(µA)
GBP
(kHz)
Vio max
(µV)
Comments
TSZ124
Instrumentation
amplifier, current
sensing
31
400
5
5 V operational amplifier
Very high accuracy
Available in QFN package
TSV734
Buffer, rectifier, LED
driver
59
850
200
5 V operational amplifier
High accuracy
Available in QFN package
TSU104
Photodiode
structure, window
comparator
0.6
8
3000
5 V operational amplifier
Nanopower
Available in QFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28