| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1955 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1955 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 28 page ![]() Photodiode/UV sensor UM1955 12/28 DocID028405 Rev 1 resistor. When current is flowing through a resistor which has a large value, it is mandatory to use an operational amplifier with a very low input current offset. This is why operational amplifiers with a CMOS input stage, such as the TSU104, are required. 5.4 Additional possible use With this configuration it is also possible to connect a UV (ultraviolet) sensor in order to derive the UV index instead of ambient light. A free footprint is available on the expansion board to enable this possibility. Note that if using a UV sensor, R26 should be aligned to the UV sensor datasheet recommendation and the photodiode must be removed. For additional details on the analog conditioning circuit used for a high impedance sensor and especially on a UV sensor, refer to application note AN4451 “Signal conditioning for a UV sensor”, available on www.st.com. |